Part Number Hot Search : 
SP504AN STA516 ASL033 10100CT A7291P RT9164 D2102 CZRW5235
Product Description
Full Text Search
 

To Download 0391000802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0391000802 Active
8.00mm (.315") Pitch BeauTM EurostyleTM Two-Screw Terminal Strips, 2 Circuits
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL 25562 E82573 image - Reference only
Series
General
Product Family Series Application Component Type MolexKits Product Literature Order No Product Name Type Terminal Blocks 39100 Wire-to-Wire One Piece Yes USA-303 EurostyleTMTwo Screw Euro Block
Physical
Circuits (Loaded) Entry Angle Flammability Lock to Mating Part Number of Rows Orientation PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG 2 Horizontal 94V-2 None 2 Vertical Yes Mounting Holes Between Circuit 0.315 In 8.00 mm 0.315 In 8.00 mm No No 100C 12, 14, 16, 18, 20, 22
EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 39100Series
Electrical
Current - Maximum per Contact Voltage - Maximum 20A 600V
Material Info Reference - Drawing Numbers
Sales Drawing SD-39100-002
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0391000802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X